Part Number Hot Search : 
YMF781 TG35D40 01210 GSIB2510 D116212B 30200CT F4002 2SC4728
Product Description
Full Text Search
 

To Download JXE75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JXE
75
Quartz Crystal * JXE75
Surface Mount Quartz Crystal
Features s package height 1.3 mm s ceramic/ceramic package
actual size
General Data
type frequency range JXE75 6.00 ~ 60.0 MHz 28.00 ~ 125.0 MHz 73.32 ~ 170.0 MHz 25.00 ~ 50.0 MHz frequency tolerance at 25 C load capacitance CL shunt capacitance Co storage temperature drive level max. aging 20 ppm ~ 50 ppm 12 pF ~ 32 pF or series < 7 pF -40 C ~ +125 C 100 W < 5 ppm first year ( fund. AT-cut ) ( 3rd OT AT-cut ) ( 5th OT AT-cut ) ( fund. BT-cut ) on request
ESR (series resistance Rs)
frequency in MHz 6.00 ~ 7.999 vibration mode fund. - AT ESR max. in 80 30 50 40 20 15 ESR typ. in 40
8.00 ~ 9.999fund. - AT60 10.0 ~ 15.999 16.0 ~ 60.000 fund. - AT fund. - AT
28.0 ~ 125.00 73.32 ~ 170.0
3rd OT - AT 5th OT - AT
60
35
25.0 ~ 50.000
fund. - BT
50
20
Frequency Stability vs. Temperature
30 ppm -20 C ~ +70 C -40 C ~ +85 C -40 C ~ +105 C -40 C ~ +125 C STD. T1 T2 T3 O 50 ppm 100 ppm 150 ppm 200 ppm
Marking
frequency with load capacitance code company code / date code / internal code date code: O O O example: Jan. A July G Febr. B Aug. H year/month 2A = 2002 January Mar. C Sept. J Apr. D Oct. K May E Nov. L June F Dec. M
*
O
*
O O
*
O
standard on request
Order Information
stability vs. temp. range in ppm
Q
frequency in MHz
type
load capacitance in pF
stability at 25 C in ppm
option
Quartz
6.0 ~ 170.0 MHz
JXE75/1 standard JXE75/2 JXE75/3
12 pF standard 12 pF ~ 32 pF S for series
50 ppm standard
see table
Example: Q 28.0-JXE75/1-12-50/50-FU
FU= 3OT= 5OT= BT= T1= T2= T3=
fundamental AT-cut 3rd overtone AT-cut 5th overtone AT-cut fundamental BT-cut -40C~+85C -40C~+105C -40C~+125C
The pulse of progress
Jauch Quartz GmbH * Telephone: (+49) 77 20 / 9 45-0 * Telefax: (+49) 77 20 / 9 45-100 * Internet: www.jauch.de * e-mail: hcj@jauch.de * 08/2002
SMQ series * JXE75
Dimensions
JXE 75/1
(standard type)
7.5 max. 1.3 max. 2.0 2.2 5.0 max. 2.4 6.3 4.5
top view
side view
bottom view
crystal connection
pad layout
in mm
JXE 75/2
7.5 max. 1.3 max. 2.5 2.4 5.0 max. 2.2 4.4 5.08
5.0
top view
side view
bottom view
crystal connection
pad layout
in mm
JXE 75/3
#4
7.5 max. 1.0 1.3 max. 2.5 #3 5.0 max. 2.5 #3 #4 #4 #3
2.2 1.4 6.0
#1
#2
#2
4.5
#1
#1
#2
top view
side view
bottom view
crystal connection
pad layout
in mm
Taping Specification
1.75 4.0 o 1.5
17.5 120
16.0
7.9
o 13
2.0
8.0
5.4
1.7
o 21
1000 pcs per reel
Feeding
in mm
o 250
o 80
in mm
Load Capacitance Codes
7 pF: m 8 pF: k 9 pF: n 11 pF: i 12 pF: a
13 pF: v 14 pF: x 15 pF: j 16 pF: b 17 pF: t
18 pF: f 20 pF: c 22 pF: g 24 pF: d 25 pF: r
27 pF: w 30 pF: . 32 pF: e series: s T: 3rd OT
example 6.0 MHz / 12 pF: 6a000
The pulse of progress
Jauch Quartz GmbH * Telephone: (+49) 77 20 / 9 45-0 * Telefax: (+49) 77 20 / 9 45-100 * Internet: www.jauch.de * e-mail: hcj@jauch.de * 08/2002


▲Up To Search▲   

 
Price & Availability of JXE75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X